PART |
Description |
Maker |
AD1674 AD1674AR AD1674AD AD1674B AD1674JNZ AD1674J |
12-Bit 100 kSPS A/D Converter 12-Bit 100 kSPS A/D Converter(12浣?00kSPS A/D杞???? 12-Bit, 100 kSPS, Complete ADC ; Industry Standard SIP7 and DIP14 Packages; Power Sharing on Outputs; Optional Continuous Short Circuit Protected; 1kVDC & 2kVDC Isolation Options 12-Bit 100 kSPS A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD976A AD976AAN AD976AAR AD976AARS AD976ABN AD976A |
25V; 700mW; 16-bit, 100kSPS/200kSPS BiCMOS A/D converter 16-Bit/ 100 kSPS/200 kSPS BiCMOS A/D Converters 16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 16-Bit, 200 kSPS, Parallel I/O A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: Industrial 16-Bit, 200 kSPS, Parallel I/O A/D Converter; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Commercial
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
CS5101A-BL8 CS5101A-JL8 CS5101A CS5102A-JL |
16-bit, 100 kSps / 20 kSps A/D Converters
|
Cirrus Logic
|
AD977 AD977A |
16-Bit, 200 kSPS BiCMOS A/D Converter(200kSPS 16位A/D转换 16-Bit, 100 kSPS BiCMOS A/D Converter(100kSPS 16位A/D转换 16位,100 kSPS的BiCMOS工艺的A / D转换器(100ksps6位的A / D转换器)
|
Analog Devices, Inc.
|
AD1674 AD1674A AD1674AD AD1674AR AD1674B AD1674BD |
12-Bit 100 kSPS A/D Converter
|
AD[Analog Devices]
|
AD7675 |
16-Bit, 100 kSPS Differential PulSARA/D Converter
|
Analog Devices
|
AD7651-15 |
16-Bit 100 kSPS PulSART Unipolar ADC with Reference
|
Analog Devices
|
AD7684BRMRL AD7940 AD7680 AD7980 ADA4941 AD7684BRM |
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
|
Analog Devices
|
AD7661XCP-U1 AD7661ACP AD7661AST AD7661ACPRL AD766 |
16-Bit, 100 kSPS PulSAR® Unipolar ADC with Ref
|
Analog Devices
|
AD7680ARJ-REEL AD7680ARJ-REEL7 AD7680BRJ-R2 AD7680 |
100 kSPS, 16-Bit PulSAR® ADC in 6 Lead SOT-23
|
Analog Devices
|
AD7683ARMZRL7 AD7683BRMZRL7 |
16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
|
Analog Devices
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|